Part Number Hot Search : 
XC2V2000 30TPS08 SB105 00390 RF160 MP2463 10F40C3 D101R
Product Description
Full Text Search
 

To Download PSU30B-1-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 pole ac inlet iec320-c8 class power (without earth pin) full output 3~48v safety approval protections: short circuit / overload / over voltage / over temp. fully enclosed plastic case fix switching frequency and regulation topology: top switch circuit led indicator for power on approvals: ul / cul / tuv / cb / ce 2 years warranty specification p30b-0p2j p30b-1p2j p30b-1-1p2j p30b-2p2j p30b-3p2j p30b -4p2j p30b-5p2j p30b-6p2j p30b-8p2j order no. safety model no. dc voltage note.2 rated current current range rated power ripple & noise (max.) note.3 output setup, rise, hold up time voltage range frequency range efficiency (typ.) ac current input environment inrush current (max.) over temperature safety standards safety & emc (note. 7) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage protection 3.3v 5v 7.5v 9v 12v 15v 18v 24v 48v psu30b-0 psu30b-1 PSU30B-1-1 psu30b-2 psu30b-3 psu30b-4 p su30b-5 psu30b-6 psu30b-8 3.63a 4a 3.06a 2.89a 2.25a 1.80a 1.50a 1.12a 0.56a 0 ~ 3.63a 0 ~ 4a 0 ~ 3.06a 0 ~2.89a 0 ~ 2.25a 0 ~ 1.80a 0 ~ 1.50a 0 ~ 1.12a 0 ~ 0.56a 12w 20w 23w 26w 27w 27w 27w 27w 27w 50mvp-p 50mvp-p 80mvp-p 80mvp-p 80mvp-p 100mvp-p 100mvp-p 150mvp-p 150mvp-p voltage tolerance note.4 line regulation note.5 load regulation note.6 7.0% 5.0% 4.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 6.0% 4.0% 3.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 200ms, 50ms, 16ms at full load 90 ~ 264vac 135~370vdc 47~63hz 62% 68% 72% 74% 75% 78% 78% 80% 82% 0.8a / 100vac cold start < 60a peak / 230vac ic1 tj 135 110 ~ 140% rated output voltage ul1950, csa22.2, en60950-1 approved withstand voltage isolation resistance i/p-o/p:3kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh 500khrs min. mil-hdbk-217f (25 ) 0 ~ +50 (refer to output load derating curve) 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03% / (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 108*67*36mm (l*w*h) 0.3kg; 54pcs / 20kg / carton 1.all parameters are specified at 230vac input, rated load, 25 70% rh ambi ent. 2.dc voltage: the output voltage set at point measure by plug terminal & 50% lo ad. 3.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated w ith a 0.1uf & 47uf capacitor. 4.tolerence: includes set up tolerance, line regulation, load regul ation. 5.line regulation is measured from low line to high line at rated load. 6.load regulation is measured from 0% to 100% rated load. 7.the power supply is considered a component which will be installed into a f inal equipment. the final equipment must be re-confirmed that it still me ets emc directives. file name:p30b-spec 2008-05-08 connector plug cable standard type p2j: 2.1 * 5.5 * 11mm, center positive for stock ; other type ava ilable by customer requested standard type see page2 ; other type available by customer requested voltage adj. range fixed fixed output by internal vr 3 ~ 5v 5 ~ 6v 6 ~ 8v 8 ~ 11v 11 ~ 13v 13 ~ 16v 16 ~ 21v 21 ~ 27v 33 ~ 48v features : leakage current (max.) 0.25ma / 240vac compliance to en55022(cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,11, env50204, l criteria a ight industry level, harmonic current ems immunity emi conduction & radiation 150 ~ 450% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed protection type : shut down o/p voltage, re-power on to recover protection type : shut down o/p voltage, recovers automatically after t emperature goes down 12~27w ac-dc single output desktop p 3 0 b s e r i e s tuv rheinland product safety geprufresicherheit
67 36 mechanical specification derating curve unit:mm ta ( ) load (%) 0 10 20 30 40 50 70 100 input voltage load (%) 0 50 60 70 60 100 260 80 90 100 80 69.9 42 rubber footx4 name plate 45 67 r1 3 plug assignment 18 33.5 36 power led 106 switching adaptor 108 id 2.1 x od 5.5 11 standard plug: p2j (option) p/n center output + p2j static characteristics 12~27w ac-dc single output desktop p 3 0 b s e r i e s file name:p30b-spec 2008-05-08 16awg spt-1 1230 +100/-0 for 3.3v 18awg spt-1 1530 +100/-0 for 5v 18awg spt-1 1830 +100/-0 for others


▲Up To Search▲   

 
Price & Availability of PSU30B-1-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X